PART |
Description |
Maker |
LTC1155 LT1155 |
Dual High Side Micropower MOSDET Driver From old datasheet system
|
Linear
|
MIC501806 MIC5018BM4 |
IttyBitty垄芒 High-Side MOSFET Driver IttyBitty?/a> High-Side MOSFET Driver
|
Micrel Semiconductor
|
ISL6801AB ISL6801AB-T |
High Side Driver, N-Channel MOSFET, Bootstrap Supply High Voltage Bootstrap High Side Driver
|
Intersil Corporation
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
FAN7081MXGF085 FAN7081GF085 FAN7081MGF085 |
The FAN7081_GF085 is a high-side gate drive IC designed for high voltage and high speed driving of MOSFET or IGBT, which operate up to 600V.
|
Fairchild Semiconductor
|
IR21814 IR2181S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-lead SOIC package
|
International Rectifier
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
IR6220 IR6220S IR6220STRL IR6220STRR |
Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
|
International Rectifier
|
IR6216 |
Intelligent Power Switch 1 Channel High Side Driver in a TO-220FL Package INTELLIGENT HIGH SIDE MOSFET POWER SWITCH
|
International Rectifier
|
MIC3202YME MIC3202-1YME |
High-Brightness LED Driver with Integrated MOSFET and High-Side Current Sense
|
Micrel Semiconductor
|
MAX16832A MAX16832AASA MAX16832C MAX16832CASA |
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
|
Maxim Integrated Products
|